Part Number Hot Search : 
0000MH 2KBP04M ZSXXX A1374 02010 B37181 MC68B21S 1812C
Product Description
Full Text Search
 

To Download 30KPA30A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30KW Transient Voltage Suppressor 30KPA28A - 30KPA288CA 30KW Transient Voltage Suppressor
Features
Glass passivated junction 30KW peak pulse power capability at 10/1000s waveform repetition rate (duty cycles): 0.01% Fast response time: typically less than 1.0ps from 0v to VBR min. Excellent clamping capability Low incremental surge resistance High temperature soldering guaranteed: 260C/40 seconds, 0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension RoHS Compliant
T6L
Mechanical Data
Case: Epoxy: Lead: Polarity: Mounting position: Weight:
T6L molded plastic body over passivated junction
Plastic package has UL flammability classification 94V-0
Plated axial leads, solderable per MIL-STD-750, Method 2026 Color band denotes the cathode except Bi-directional Any
0.07 ounce, 2.5 grams
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol VWM PPPM IPPM IFSM RthJA RthJL TJ,TSTG Description
Maximum Recurrent Peak Reverse Voltage Peak Pulse Power Dissipation on 10/1000s Waveform Peak Pulse Current with 10/1000s Waveform Peak Forward Surge Current, Uni-directional only Typical Thermal Resistance to Ambient Typical Thermal Resistance to Lead Operating Junction and Storage Temperature Range
Value
28 to 288 30 See Table 400 40 8.0 -55 to +175
Unit
V KW A A C/W C/W C Note 1 Note 1
Conditions
8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-04-08 Page 1 of 6
30KW Transient Voltage Suppressor 30KPA28A - 30KPA288CA
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25C per Fig. 2
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Stand-Off Voltage Breakdown Voltage @ Test Current (note1) Max. Reverse Leakage Current @ VWM Max. Clamping Voltage @ IPPM Max. Peak Pulse Current
P/N (note3)
VBR
Uni-Polar 30KPA28A 30KPA30A 30KPA33A 30KPA36A 30KPA39A 30KPA42A 30KPA43A 30KPA45A 30KPA48A 30KPA51A 30KPA54A 30KPA58A 30KPA60A 30KPA64A 30KPA66A 30KPA70A 30KPA71A 30KPA72A 30KPA75A 30KPA78A 30KPA84A 30KPA90A 30KPA96A 30KPA102A Bi-Polar 30KPA28CA 30KPA30CA 30KPA33CA 30KPA36CA 30KPA39CA 30KPA42CA 30KPA43CA 30KPA45CA 30KPA48CA 30KPA51CA 30KPA54CA 30KPA58CA 30KPA60CA 30KPA64CA 30KPA66CA 30KPA70CA 30KPA71CA 30KPA72CA 30KPA75CA 30KPA78CA 30KPA84CA 30KPA90CA 30KPA96CA 30KPA102CA
IT
(mA) 50 50 50 50 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
VWM
(V) 28 30 33 36 39 42 43 45 48 51 54 58 60 64 66 70 71 72 75 78 84 90 96 102
Min. 31.28 33.51 36.90 40.20 43.60 46.90 48.00 50.30 53.60 57.00 60.30 64.80 67.00 71.50 73.70 78.20 79.30 80.40 83.80 87.10 93.80 100.50 107.20 113.90
ID (A)
(note2)
VC (V)
50.0 55.2 58.5 61.8 67.2 72.0 73.0 77.4 81.6 86.4 91.4 92.4 102.0 104.0 107.0 109.0 111.5 114.0 119.4 129.0 139.2 146.4 156.0 165.6
IPPM (A)
(note1)
5000 5000 5000 5000 2000 1000 1000 250 150 50 20 20 15 10 2 2 2 2 2 2 2 2 2 2
606.0 548.9 517.9 490.3 450.9 420.8 415.1 391.5 371.3 350.7 331.5 327.9 297.1 291.3 283.2 278.0 271.7 265.8 253.8 234.9 217.7 207.0 194.2 183.0
Rev. A/AH 2008-04-08 www.taitroncomponents.com Page 2 of 6
30KW Transient Voltage Suppressor 30KPA28A - 30KPA288CA
P/N (note3) Stand-Off Voltage Breakdown Voltage @ Test Current (note1) Max. Reverse Leakage Current @ V WM Max. Clamping Voltage @ I PPM Max. Peak Pulse Current
VBR
Uni-Polar 30KPA108A 30KPA120A 30KPA132A 30KPA144A 30KPA150A 30KPA156A 30KPA160A 30KPA168A 30KPA170A 30KPA180A 30KPA198A 30KPA216A 30KPA240A 30KPA258A 30KPA260A 30KPA270A 30KPA280A 30KPA288A Bi-Polar 30KPA108CA 30KPA120CA 30KPA132CA 30KPA144CA 30KPA150CA 30KPA156CA 30KPA160CA 30KPA168CA 30KPA170CA 30KPA180CA 30KPA198CA 30KPA216CA 30KPA240CA 30KPA258CA 30KPA260CA 30KPA270CA 30KPA280CA 30KPA288CA
IT
(mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
VWM
(V) 108 120 132 144 150 156 160 168 170 180 198 216 240 258 260 270 280 288
Min. 120.60 134.00 147.40 160.80 167.60 174.30 178.70 187.70 189.90 201.10 221.20 241.30 268.10 288.20 290.40 301.60 312.80 321.70
ID (A)
(note2)
VC (V)
175.2 194.4 213.0 223.2 233.4 245.0 252.6 272.4 275.0 290.4 319.8 348.6 387.0 416.4 416.0 436.2 464.0 469.9
IPPM (A)
(note1)
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
172.9 155.9 142.3 135.8 129.8 123.7 120.0 111.2 110.2 104.3 94.7 86.9 78.3 72.8 72.8 69.5 65.3 64.5
Note: 1. Surge current waveform per Fig. 3 and derate per Fig. 2 2. For Bi-directional types with VWM of 10 volts and less, the ID limit is doubled. 3. C suffix for Bidirectional use, A suffix for 5% tolerance.
Rev. A/AH 2008-04-08 www.taitroncomponents.com Page 3 of 6
30KW Transient Voltage Suppressor 30KPA28A - 30KPA288CA
Typical Characteristics Curves
Fig.1- Peak Pulse Power Rating Curve Fig.2- Pulse Derating Curve
PPPM-Peak Pulse Power (KW)
PPPM or IPPM (%)
Pulse Width td (s)
Ambient Temperature TA (C)
IFSM-Peak Forward Surge Current (A)
Fig.3- Pulse Waveform
Fig.4- Max. Non-Repetitive Forward Surge Current Uni-directional only
IPPM-Peak Pulse Current (%)
Time t (ms)
Number of Cycles at 60Hz
Rev. A/AH 2008-04-08 www.taitroncomponents.com Page 4 of 6
30KW Transient Voltage Suppressor 30KPA28A - 30KPA288CA
Fig.5- Steady State Power Derating Curve Steady State Power Dissipation (W) Fig.6- Typical Junction Capacitance
Lead Temperature (C)
CJ-Capacitance (pF)
Breakdown Voltage (VBR)
Dimensions in inch (mm)
T6L
Rev. A/AH 2008-04-08 www.taitroncomponents.com Page 5 of 6
30KW Transient Voltage Suppressor 30KPA28A - 30KPA288CA
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2008-04-08 www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of 30KPA30A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X